Part Number Hot Search : 
WM8950 100BG H3545 74VHCT 020141MB WM8950 BZX55C1 MB89935B
Product Description
Full Text Search
 

To Download 15SMCJ36A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.5 SMCJ 6.5 ... 1.5 SMCJ 170CA Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes Unidirektionale und bidirektionale Spannungs-Begrenzer-Dioden fur die Oberflachenmontage
Pulse power dissipation Impuls-Verlustleistung Maximum stand-off voltage Maximale Sperrspannung
1500 W 6.5...170 V
Plastic case - Kunststoffgehause ~ SMC (DO-214AB) Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert
Dimensions / Mae in mm
0.21 g
Standard packaging taped and reeled see page 18 Standard Lieferform gegurtet auf Rolle siehe Seite 18 Suffix "C" oder "CA" fur bidirektionale Typen
Suffix "C" or "CA" for bidirectional types
Maximum ratings and Characteristics Peak pulse power dissipation (10/1000 :s waveform) Impuls-Verlustleistung (Strom-Impuls 10/1000 :s) Steady state power dissipation Verlustleistung im Dauerbetrieb Peak forward surge current, 60 Hz half sine-wave Stostrom fur eine 60 Hz Sinus-Halbwelle Max. instantaneous forward voltage Augenblickswert der Durchlaspannung Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Thermal resistance junction to terminal Warmewiderstand Sperrschicht - Anschlu TA = 25/C TT = 75/C TA = 25/C IF = 25 A
Grenz- und Kennwerte PPPM PM(AV) IFSM VF Tj TS RthA RthT 1500 W 1) 5W 100 A 2) < 3.0 V 2) - 50...+150/C - 50...+150/C < 50 K/W 3) < 10 K/W
1
) Non-repetitive current pulse see curve IPPM = f (tr) Hochstzulassiger Spitzenwert eines einmaligen Strom-Impulses, siehe Kurve IPPM = f (tr) 2 ) Unidirectional diodes only - nur fur unidirektionale Dioden 3 ) Mounted on P.C. board with 50 mm2 copper pads at each terminal Montage auf Leiterplatte mit 50 mm2 Kupferbelag (Lotpad) an jedem Anschlu 25.02.2003
1
1.5 SMCJ 6.5 ... 1.5 SMCJ 170CA Maximum ratings
Type Typ Stand-off Max. rev. current Breakdown voltage at IT = 1 mA voltage Max. Sperrstrom Abbruch-Spannung bei IT = 1 mA Sperrspanng at / bei VWM *) at / bei IT = 10 mA VWM [V] 1.5 SMCJ 6.5 1.5 SMCJ 6.5A 1.5 SMCJ 7.0 1.5 SMCJ 7.0A 1.5 SMCJ 7.5 1.5 SMCJ 7.5A 1.5 SMCJ 8.0 1.5 SMCJ 8.0A 1.5 SMCJ 8.5 1.5 SMCJ 8.5A 1.5 SMCJ 9.0 1.5 SMCJ 9.0A 1.5 SMCJ 10 1.5 SMCJ 10A 1.5 SMCJ 11 1.5 SMCJ 11A 1.5 SMCJ 12 1.5 SMCJ 12A 1.5 SMCJ 13 1.5 SMCJ 13A 1.5 SMCJ 14 1.5 SMCJ 14A 1.5 SMCJ 15 1.5 SMCJ 15A 1.5 SMCJ 16 1.5 SMCJ 16A 1.5 SMCJ 17 1.5 SMCJ 17A 1.5 SMCJ 18 1.5 SMCJ 18A 1.5 SMCJ 20 1.5 SMCJ 20A 1.5 SMCJ 22 1.5 SMCJ 22A 1.5 SMCJ 24 1.5 SMCJ 24A 1.5 SMCJ 26 1.5 SMCJ 26A 1.5 SMCJ 28 1.5 SMCJ 28A 1.5 SMCJ 30 1.5 SMCJ 30A 1.5 SMCJ 33 1.5 SMCJ 33A 6,5 6,5 7,0 7,0 7,5 7,5 8,0 8,0 8,5 8,5 9,0 9,0 10 10 11 11 12 12 13 13 14 14 15 15 16 16 17 17 18 18 20 20 22 22 24 24 26 26 28 28 30 30 33 33 ID [:A] 500 500 200 200 100 100 50 50 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 VBR min. [V] 7.2 *) 7.2 *) 7.8 *) 7.8 *) 8,3 8,3 8,9 8,9 9,4 9,4 10,0 10,0 11,1 11,1 12,2 12,2 13,3 13,3 14,4 14,4 15,6 15,6 16,7 16,7 17,8 17,8 18,9 18,9 20,0 20,0 22,2 22,2 24,4 24,4 26,7 26,7 28,9 28,9 31,1 31,1 33,3 33,3 36.7 36.7 VBR max. [V] 8.8 *) 8.0 *) 9.5 *) 8.7 *) 10,1 9,2 10,9 9,9 11,5 10,4 12,2 11,1 13,5 12,3 14,9 13,5 16,2 14,8 17,6 16,0 19,0 17,3 20,4 18,6 21,7 19,8 23,1 21,0 24,4 22,2 27,1 24,6 29,8 27,1 32,6 29,6 35,3 32,1 37,9 34,5 40,1 36,9 44.8 40.7
Grenzwerte
Max. clamping voltage Max. Begrenzer-Spanng at / bei IPPM (10/1000:s) VC [V] 12,3 11,2 13,3 12,0 14,3 12,9 15,0 13,6 15,9 14,4 16,9 15,4 18,8 17,0 20,1 18,2 22,0 19,9 23,8 21,5 25,8 23,2 26,9 24,4 28,8 26,0 30,5 27,6 32,2 29,2 35,8 32,4 39,4 35,5 43,0 38,9 46,6 42,1 50,0 45,4 53,5 48,4 59.0 53.3 IPPM [A] 122 134 113 125 105 116 100 110 94,3 104 88,8 97,4 79,8 88,2 74,6 82,4 68,2 75,4 63,0 69,8 58,1 64,7 55,8 61,5 52,1 57,7 49,2 54,3 46,6 51,4 41,9 46,3 38,1 42,3 34,9 38,6 32,2 35,6 30,0 33,0 28,0 31,0 25,4 28,1
2
F:\Data\WP\DatBlatt\Einzelblatter\1.5smcj6.5.wpd
1.5 SMCJ 6.5 ... 1.5 SMCJ 170CA Maximum ratings
Type Typ Stand-off Max. rev. current Breakdown voltage at IT = 1 mA voltage Max. Sperrstrom Abbruch-Spannung bei IT = 1 mA Sperrspanng at / bei VWM *) at / bei IT = 10 mA VWM [V] 1.5 SMCJ 36 1.5 SMCJ 36A 1.5 SMCJ 40 1.5 SMCJ 40A 1.5 SMCJ 43 1.5 SMCJ 43A 1.5 SMCJ 45 1.5 SMCJ 45A 1.5 SMCJ 48 1.5 SMCJ 48A 1.5 SMCJ 51 1.5 SMCJ 51A 1.5 SMCJ 54 1.5 SMCJ 54A 1.5 SMCJ 58 1.5 SMCJ 58A 1.5 SMCJ 60 1.5 SMCJ 60A 1.5 SMCJ 64 1.5 SMCJ 64A 1.5 SMCJ 70 1.5 SMCJ 70A 1.5 SMCJ 75 1.5 SMCJ 75A 1.5 SMCJ 78 1.5 SMCJ 78A 1.5 SMCJ 85 1.5 SMCJ 85A 1.5 SMCJ 90 1.5 SMCJ 90A 1.5 SMCJ 100 1.5 SMCJ 100A 1.5 SMCJ 110 1.5 SMCJ 110A 1.5 SMCJ 120 1.5 SMCJ 120A 1.5 SMCJ 130 1.5 SMCJ 130A 1.5 SMCJ 150 1.5 SMCJ 150A 1.5 SMCJ 160 1.5 SMCJ 160A 1.5 SMCJ 170 1.5 SMCJ 170A 36 36 40 40 43 43 45 45 48 48 51 51 54 54 58 58 60 60 64 64 70 70 75 75 78 78 85 85 90 90 100 100 110 110 120 120 130 130 150 150 160 160 170 170 ID [:A] 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 VBR min. [V] 40.0 40.0 44.4 44.4 47.8 47.8 50.0 50.0 53.3 53.3 56.7 56.7 60.0 60.0 64.4 64.4 66.7 66.7 71.1 71.1 77.8 77.8 83.3 83.3 86.7 86.7 94.4 94.4 100 100 111 111 122 122 133 133 144 144 167 167 178 178 189 189 VBR max. [V] 48.8 44.4 54.2 49.3 58.3 53.1 61.0 55.5 65.0 59.2 69.2 62.9 73.2 66.6 78.6 71.5 81.4 74.0 86.7 78.9 94.9 86.4 102 92.5 106 96.2 115 105 122 111 135 123 149 135 162 148 176 160 204 185 217 198 231 210
Grenzwerte
Max. clamping voltage Max. Begrenzer-Spanng at / bei IPPM (10/1000:s) VC [V] 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103 93.6 107 96.8 114 103 125 113 134 121 139 126 151 137 160 146 179 162 196 177 214 193 231 209 268 243 287 259 304 275 IPPM [A] 23.3 25,8 21,0 23,3 19,6 21,6 18,7 20,6 17,5 19,4 16,5 18,2 15,6 17,2 14,6 16,0 14,0 15,5 13,2 14,6 12,0 13,3 11,2 12,4 10,8 11,9 9,9 10,9 9,4 10,3 8,4 9,3 7,7 8,5 7,0 7,8 6,5 7,2 5,6 6,2 5,2 5,8 4,9 5,5
25.02.2003
3
1.5 SMCJ 6.5 ... 1.5 SMCJ 170CA
1
For bidirectional types (suffix "C" or "CA") electrical characteristics apply in both directions Fur bidirektionale Dioden (Suffix "C" oder "CA") gelten die el. Werte in beiden Richtungen
1
) Mounted on P.C. board with 50 mm2 copper pads at each terminal Montage auf Leiterplatte mit 50 mm2 Kupferbelag (Lotpad) an jedem Anschlu 4 F:\Data\WP\DatBlatt\Einzelblatter\1.5smcj6.5.wpd
This datasheet has been downloaded from: www..com Datasheets for electronic components.


▲Up To Search▲   

 
Price & Availability of 15SMCJ36A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X